| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F032B-75 Fiches technique(PDF) 9 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29F032B-75 Fiches technique(HTML) 9 Page - SPANSION |
|
9 / 40 page ![]() November 11, 2009 21610D8 Am29F032B 7 D A TA SH EE T ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be support- ed in volume for this device. Consult the local AMD sales of- fice to confirm availability of specific valid combinations and to check on newly released combinations. Am29F032B -75 E F TEMPERATURE RANGE I = Industrial (–40 ° C to +85° C) E = Extended (–55 ° C to +125° C) F = Industrial (–40 ° C to +85° C) with Pb-free Package K = Extended (–55 ° C to +125° C) with Pb-free Package PACKAGE TYPE E = 40-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 040) S = 44-Pin Small Outline Package (SO 044) SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29F032B 32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory 5.0 V Read, Program, and Erase Valid Combinations AM29F032B-75 EI, EF, SI, SF AM29F032B-90 EI, EE, EF, EK SI, SE, SF, SK |