| Moteur de recherche de fiches techniques de composants électroniques |
|
STA2500D Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2500D Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 58 page ![]() STA2500D Pinout Doc ID 16067 Rev 2 13/58 4 Pinout Figure 2. Pinout (bottom view) 4.1 Pin description and assignment Table 12 shows the pin list of the STA2500D. In columns “Reset” and “Default after reset”, the “PD/PU” shows the pads implementing an internal pull-down/up. The column “Reset” shows the state of the pins during hardware reset; the column “Default after reset” shows the state of the pins after the hardware reset state is left, but before any software parameter download. The column “Type” describes the pin directions: – I for Input (All inputs have a Schmitt trigger function.) – O for Output – I/O for Input/Output – O/t for tri-state output JTAG_TCK GPIO_0 GPIO_3 7654321 A B C D E F G BT_RESETN BT_REF_CLK_IN BT_LP_CLK BT_HOST_WAKEUP /BT_SPI_INT BT_WAKEUP BT_UART_TXD / BT_SPI_DO BT_UART_RXD / BT_SPI_DI BT_UART_CTS / BT_SPI_CLK BT_VIO_B BT_UART_RTS / BT_SPI_CS BT_PCM_SYNC BT_PCM_CLK BT_PCM_A BT_PCM_B BT_GPIO_9 BT_VSSRF BT_GPIO_10 BT_GPIO_11 BT_GPIO_16 BT_VSSANA BT_CLK_REQ_IN_1 BT_CLK_REQ_IN_2 BT_CLK_REQ_OUT_1 BT_CONFIG_1 BT_CONFIG_3 BT_CONFIG_2 BT_RFP BT_RFN BT_HVA BT_HVD BT_VDD_D BT_VIO_A BT_VDD_CLD BT_VDD_DSM BT_VDD_N BT_VDD_CL BT_VDD_RF BT_VSSDIG BT_VSSDIG BT_AF_PRG BT_VSSANA BT_VSSANA BT_TEST1 BT_TEST2 BT_CLK_REQ_OUT_2 BT_VSSRF BT_GPIO_8 BT_GPIO_0 |