Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F272M Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 16Page - STMicroelectronics ST10F272M_12 Datasheet HTML 17Page - STMicroelectronics ST10F272M_12 Datasheet HTML 18Page - STMicroelectronics ST10F272M_12 Datasheet HTML 19Page - STMicroelectronics ST10F272M_12 Datasheet HTML 20Page - STMicroelectronics ST10F272M_12 Datasheet HTML 21Page - STMicroelectronics ST10F272M_12 Datasheet HTML 22Page - STMicroelectronics ST10F272M_12 Datasheet HTML 23Page - STMicroelectronics ST10F272M_12 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 176 page
background image
Functional description
ST10F272M
20/176
Doc ID 12968 Rev 3
3
Functional description
The architecture of the ST10F272M combines advantages of both RISC and CISC
processors and an advanced peripheral subsystem. The block diagram gives an overview of
the different on-chip components and the high bandwidth internal bus structure of the
ST10F272M.
Figure 3.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More