| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC56AP60L3 Fiches technique(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56AP60L3 Fiches technique(HTML) 72 Page - STMicroelectronics |
|
72 / 104 page ![]() Electrical characteristics SPC56xP54x, SPC56xP60x 72/104 Doc ID 18340 Rev 3 3.12 Main oscillator electrical characteristics The SPC56xP54/60 provides an oscillator/resonator driver. IRMSFST CC D Root medium square I/O current for FAST configuration CL = 25 pF, 40 MHz VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 22 mA CL = 25 pF, 64 MHz — — 33 CL = 100 pF, 40 MHz — — 56 CL = 25 pF, 40 MHz VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 14 CL = 25 pF, 64 MHz — — 20 CL = 100 pF, 40 MHz — — 35 IAVGSEG SR D Sum of all the static I/O current within a supply segment VDD = 5.0 V ± 10%, PAD3V5V = 0 — — 70 mA VDD = 3.3 V ± 10%, PAD3V5V = 1 — — 65 1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 to 125 °C, unless otherwise specified 2. Stated maximum values represent peak consumption that lasts only a few ns during I/O transition. Table 26. I/O consumption (continued) Symbol C Parameter Conditions(1) Value Unit Min Typ Max Table 27. Main oscillator electrical characteristics (5.0 V, NVUSRO[PAD3V5V]=0) Symbol Parameter Min Max Unit fOSC SR Oscillator frequency 4 40 MHz gm P Transconductance 6.5 25 mA/V VOSC T Oscillation amplitude on EXTAL pin 1 — V tOSCSU T Start-up time(1),(2) 1. The start-up time is dependent upon crystal characteristics, board leakage, etc., high ESR and excessive capacitive loads can cause long start-up time. 2. Value captured when amplitude reaches 90% of EXTAL 8— ms Table 28. Main oscillator electrical characteristics (3.3 V, NVUSRO[PAD3V5V]=1) Symbol Parameter Min Max Unit fOSC SR Oscillator frequency 4 40 MHz gm P Transconductance 4 20 mA/V VOSC T Oscillation amplitude on EXTAL pin 1 — V tOSCSU T Start-up time(1),(2) 1. The start-up time is dependent upon crystal characteristics, board leakage, etc., high ESR and excessive capacitive loads can cause long start-up time. 2. Value captured when amplitude reaches 90% of EXTAL 8— ms |