| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC564B74L7 Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564B74L7 Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 118 page ![]() SPC564Bxx - SPC56ECxx Electrical Characteristics Doc ID 17478 Rev 4 59/118 4.6.4 Output pin transition times VOL CC P Output low level FAST configuration Push Pull IOL = 14 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 — — 0.1VDD V C IOL = 7 mA, VDD = 5.0 V ± 10%, PAD3V5V = 1(3) — — 0.1VDD C IOL = 11 mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 0.5 1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified. 2. VDD as mentioned in the table is VDD_HV_A/VDD_HV_B. 3. The configuration PAD3V5 = 1 when VDD = 5 V is only a transient configuration during power-up. All pads but RESET and Nexus outputs (MDOx, EVTO, MCKO) are configured in input or in high impedance state. Table 18. FAST configuration output buffer electrical characteristics (continued) Symbol C Parameter Conditions(1),(2) Value Unit Min Typ Max Table 19. Output pin transition times Symbol C Parameter Conditions(1),(2) Value(3) Unit Min Typ Max Ttr CC D Output transition time output pin(4) SLOW configuration CL = 25 pF VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 50 ns TCL = 50 pF — — 100 DCL = 100 pF — — 125 DCL = 25 pF VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 40 TCL = 50 pF — — 50 DCL = 100 pF — — 75 Ttr CC D Output transition time output pin(4) MEDIUM configuration CL = 25 pF VDD = 5.0 V ± 10%, PAD3V5V = 0 SIUL.PCRx.SRC = 1 —— 10 ns TCL = 50 pF — — 20 DCL = 100 pF — — 40 DCL = 25 pF VDD = 3.3 V ± 10%, PAD3V5V = 1 SIUL.PCRx.SRC = 1 —— 12 TCL = 50 pF — — 25 DCL = 100 pF — — 40 Ttr CC D Output transition time output pin(4) FAST configuration CL = 25 pF VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 4 ns CL = 50 pF — — 6 CL = 100 pF — — 12 CL = 25 pF VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 4 CL = 50 pF — — 7 CL = 100 pF — — 12 |