Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC560P54L3 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce SPC560P54L3
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P54L3 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button SPC560P54L3 Datasheet HTML 5Page - STMicroelectronics SPC560P54L3 Datasheet HTML 6Page - STMicroelectronics SPC560P54L3 Datasheet HTML 7Page - STMicroelectronics SPC560P54L3 Datasheet HTML 8Page - STMicroelectronics SPC560P54L3 Datasheet HTML 9Page - STMicroelectronics SPC560P54L3 Datasheet HTML 10Page - STMicroelectronics SPC560P54L3 Datasheet HTML 11Page - STMicroelectronics SPC560P54L3 Datasheet HTML 12Page - STMicroelectronics SPC560P54L3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
SPC56xP54x, SPC56xP60x
Introduction
Doc ID 18340 Rev 3
9/104
1.4
Block diagram
Figure 1 shows a top-level block diagram of the SPC56xP54/60 MCU. Table 4 summarizes
the functions of the blocks.
Table 3.
SPC56xP54/60 device configuration difference
Feature
Full-featured
Airbag
CTU (cross triggering unit)
Yes
No
FlexRay
Yes (64 message buffer)
No
DSPI (deserial serial peripheral interface) modules
5
4
CRC (cyclic redundancy check) unit
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More