| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC564B74L7 Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564B74L7 Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 118 page ![]() SPC564Bxx - SPC56ECxx Package pinouts and signal descriptions Doc ID 17478 Rev 4 43/118 PK[7] PCR[167] AF0 AF1 AF2 AF3 — — GPIO[167] — — — CAN3RX LIN3RX SIUL — — — FlexCAN_3 LINFlexD_3 I/O — — — I I M/S Tristate — 47 M7 PK[8] PCR[168] AF0 AF1 AF2 AF3 GPIO[168] CAN3TX LIN3TX — SIUL FlexCAN_3 LINFlexD_3 — I/O O O — M/S Tristate — 48 M8 PK[9] PCR[169] AF0 AF1 AF2 AF3 — GPIO[169] — — — SIN_4 SIUL — — — DSPI_4 I/O — — — I M/S Tristate — 197 E8 PK[10] PCR[170] AF0 AF1 AF2 AF3 GPIO[170] SOUT_4 — — SIUL DSPI_4 — — I/O O — — M/S Tristate — 198 E7 PK[11] PCR[171] AF0 AF1 AF2 AF3 GPIO[171] SCK_4 — — SIUL DSPI_4 — — I/O I/O — — M/S Tristate — 199 F8 PK[12] PCR[172] AF0 AF1 AF2 AF3 GPIO[172] CS0_4 — — SIUL DSPI_4 — — I/O I/O — — M/S Tristate — 200 G12 PK[13] PCR[173] AF0 AF1 AF2 AF3 — GPIO[173] CS3_6 CS2_7 SCK_1 CAN3RX SIUL DSPI_6 DSPI_7 DSPI_1 FlexCAN_3 I/O O O I/O I M/S Tristate — 201 H12 PK[14] PCR[174] AF0 AF1 AF2 AF3 GPIO[174] CAN3TX CS3_7 CS0_1 SIUL FlexCAN_3 DSPI_7 DSPI_1 I/O O O I/O M/S Tristate — 202 J12 Table 5. Functional port pin descriptions (continued) Port pin PCR Function Pin number |