Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC560P60L5 Fiches technique(PDF) 91 Page - STMicroelectronics

No de pièce SPC560P60L5
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P60L5 Fiches technique(HTML) 91 Page - STMicroelectronics

Back Button SPC560P60L5 Datasheet HTML 87Page - STMicroelectronics SPC560P60L5 Datasheet HTML 88Page - STMicroelectronics SPC560P60L5 Datasheet HTML 89Page - STMicroelectronics SPC560P60L5 Datasheet HTML 90Page - STMicroelectronics SPC560P60L5 Datasheet HTML 91Page - STMicroelectronics SPC560P60L5 Datasheet HTML 92Page - STMicroelectronics SPC560P60L5 Datasheet HTML 93Page - STMicroelectronics SPC560P60L5 Datasheet HTML 94Page - STMicroelectronics SPC560P60L5 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
SPC56xP54x, SPC56xP60x
Electrical characteristics
Doc ID 18340 Rev 3
91/104
Figure 28. External interrupt timing
3.18.5
DSPI timing
IRQ
2
3
1
Table 41.
DSPI timing(1)
No.
Symbol
C
Parameter
Conditions
Min
Max
Unit
1tSCK CC D DSPI cycle time
Master (MTFE = 0)
60
—
ns
Slave (MTFE = 0)
60
—
2tCSC CC D PCS to SCK delay
—
16
—
ns
3tASC CC D After SCK delay
—
26
—
ns
4tSDC CC D SCK duty cycle
—
0.4 × tSCK 0.6 × tSCK
ns
5tA
CC D Slave access time
SS active to SOUT valid
—
30
ns
6tDIS
CC D Slave SOUT disable time
SS inactive to SOUT High-Z or
invalid
—
16
ns
7tPCSC CC D PCSx to PCSS time
—
13
—
ns
8tPASC CCDPCSS to PCSx time
—
13
—
ns
9tSUI
CC D Data setup time for inputs
Master (MTFE = 0)
35
—
ns
Slave
4—
Master (MTFE = 1, CPHA = 0)
35
—
Master (MTFE = 1, CPHA = 1)
35
—
10
tHI
CC D Data hold time for inputs
Master (MTFE = 0)
–5
—
ns
Slave
4
—
Master (MTFE = 1, CPHA = 0)
11
—
Master (MTFE = 1, CPHA = 1)
–5
—
11
tSUO CC D Data valid (after SCK edge)
Master (MTFE = 0)
—
12
ns
Slave
—
36
Master (MTFE = 1, CPHA = 0)
—
12
Master (MTFE = 1, CPHA = 1)
—
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More