| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC560P54X Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560P54X Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 104 page ![]() Introduction SPC56xP54x, SPC56xP60x 22/104 Doc ID 18340 Rev 3 1.5.22 Deserial serial peripheral interface (DSPI) The deserial serial peripheral interface (DSPI) module provides a synchronous serial interface for communication between the SPC56xP54/60 MCU and external devices. The DSPI modules provide these features: ● Full duplex, synchronous transfers ● Master or slave operation ● Programmable master bit rates ● Programmable clock polarity and phase ● End-of-transmission interrupt flag ● Programmable transfer baud rate ● Programmable data frames from 4 to 16 bits ● Up to 28 chip select lines available – 8 each on DSPI_0 and DSPI_1 – 4 each on DSPI_2, DSPI_3, and DSPI_4 ● 8 clock and transfer attributes registers ● Chip select strobe available as alternate function on one of the chip select pins for deglitching ● FIFOs for buffering up to 5 transfers on the transmit and receive side ● Queueing operation possible through use of the eDMA ● General purpose I/O functionality on pins when not used for SPI 1.5.23 eTimer Two eTimer modules are provided, each with six 16-bit general purpose up/down timer/counter per module. The following features are implemented: ● Individual channel capability – Input capture trigger – Output compare – Double buffer (to capture rising edge and falling edge) – Separate prescaler for each counter – Selectable clock source – 0% to 100% pulse measurement – Rotation direction flag (Quad decoder mode) ● Maximum count rate – Equals peripheral clock/2 — for external event counting – Equals peripheral clock — for internal clock counting ● Cascadeable counters ● Programmable count modulo ● Quadrature decode capabilities ● Counters can share available input pins ● Count once or repeatedly ● Preloadable counters ● Pins available as GPIO when timer functionality not in use |