| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC560B64L5 Fiches technique(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560B64L5 Fiches technique(HTML) 93 Page - STMicroelectronics |
|
93 / 134 page ![]() SPC560B54/6x Electrical characteristics Doc ID 15131 Rev 6 93/134 4.13 Slow external crystal oscillator (32 kHz) electrical characteristics The device provides a low power oscillator/resonator driver. Figure 13. Crystal oscillator and resonator connection scheme tFXOSCSU CC T Fast external crystal oscillator start-up time fOSC = 4 MHz, OSCILLATOR_MARGIN = 0 —— 6 ms fOSC = 16 MHz, OSCILLATOR_MARGIN = 1 —— 1.8 VIH SR P Input high level CMOS (Schmitt Trigger) Oscillator bypass mode 0.65VDD —VDD +0.4 V VIL SR P Input low level CMOS (Schmitt Trigger) Oscillator bypass mode −0.4 — 0.35VDD V 1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified. 2. Stated values take into account only analog module consumption but not the digital contributor (clock tree and enabled peripherals). Table 38. Fast external crystal oscillator (4 to 16 MHz) electrical characteristics (continued) Symbol C Parameter Conditions(1) Value Unit Min Typ Max OSC32K_XTAL OSC32K_EXTAL DEVICE C2 C1 OSC32K_XTAL OSC32K_EXTAL RP DEVICE Note: OSC32_XTAL/OSC32_EXTAL must not be directly used to drive external circuits |