Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T83 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce M41T83
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button M41T83_12 Datasheet HTML 18Page - STMicroelectronics M41T83_12 Datasheet HTML 19Page - STMicroelectronics M41T83_12 Datasheet HTML 20Page - STMicroelectronics M41T83_12 Datasheet HTML 21Page - STMicroelectronics M41T83_12 Datasheet HTML 22Page - STMicroelectronics M41T83_12 Datasheet HTML 23Page - STMicroelectronics M41T83_12 Datasheet HTML 24Page - STMicroelectronics M41T83_12 Datasheet HTML 25Page - STMicroelectronics M41T83_12 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Clock operation
M41T82-M41T83
22/62
Doc ID 12578 Rev 15
3.2.1
Power-down time-stamp
Some applications may need to determine the amount of time spent in backup mode. That
can be calculated if the time of power-down and the time of power-up are known. The latter
is straightforward to obtain. But the time of power-down is only available if an access
occurred just prior to power-down. That is, if there was an access of the device just prior to
power-down, the time of the access would have been frozen in the buffer transfer registers
and thus the approximate time of power-down could be obtained.
If an application requires the time of power-down, the best way to implement it is to set up
the software to do frequent reads of the clock, such as once every 1 or 5 seconds. That
way, at power-up, the buffer-transfer registers will contain a time value within 1 (or 5)
seconds of the actual time of power-down. For more information, please refer to AN1572,
“Power-down time-stamp function in serial real-time clocks (RTCs)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62