| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7590 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7590 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 42 page ![]() Memories TDA7590 18/42 6 Memories 128 K x 24-bit RAM divided into 4 areas, program RAM(PRAM), X data RAM(XRAM), Y data RAM(YRAM) and flexible allocation RAM(FLEX) as follows: ● 16 kB PRAM ● 40 kB FLEX RAM. FLEX RAM is accessed through the expansion port by the DSP core. ● External access to the FLEX RAM is also supported. ● 72 kB RAM is allocated as XRAM and YRAM. Four configurations are supported: – 4 kB XRAM and 68 kB YRAM – 8 kB XRAM and 64 kB YRAM – 16 kB XRAM and 56 kB YRAM – 24 kB XRAM and 48 kB YRAM |