| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7541B Fiches technique(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7541B Fiches technique(HTML) 67 Page - STMicroelectronics |
|
67 / 77 page ![]() TDA7541B Software specification Doc ID 16048 Rev 1 67/77 Table 41. Addr 24, 26, 27, 28, 29 testing (FEh) MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 1 1 1 1111 0 Only for testing Table 42. Addr 25 Testing (FEh) MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 - - 11 11 1 0 Only for testing IFSEXP - 0 - - - - - - Enable expand mode of IF sampling time (see addr 4) 1 Disable expand mode of IF sampling time EWEXP 0 - - - - - - - Enable expand mode of error window (see addr 4) 1 Disable expand mode of error window |