Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7293 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce TDA7293
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button TDA7293_10 Datasheet HTML 13Page - STMicroelectronics TDA7293_10 Datasheet HTML 14Page - STMicroelectronics TDA7293_10 Datasheet HTML 15Page - STMicroelectronics TDA7293_10 Datasheet HTML 16Page - STMicroelectronics TDA7293_10 Datasheet HTML 17Page - STMicroelectronics TDA7293_10 Datasheet HTML 18Page - STMicroelectronics TDA7293_10 Datasheet HTML 19Page - STMicroelectronics TDA7293_10 Datasheet HTML 20Page - STMicroelectronics TDA7293_10 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
TDA7293
Package mechanical data
Doc ID 6744 Rev 8
19/21
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 6.
Multiwatt15H dimensions
Ref
Dimension in mm
Dimension in inch
Notes
Min
Typ
Max
Min
Typ
Max
A
-
-
5.00
-
-
0.197
-
B
-
-
2.65
-
-
0.104
-
C
-
-
1.60
-
-
0.063
-
E
0.49
-
0.55
0.019
-
0.022
-
F
0.66
-
0.75
0.026
-
0.030
-
G
1.02
1.27
1.52
0.040
0.050
0.060
-
G1
17.53
17.78
18.03
0.690
0.700
0.710
-
H1
19.60
-
20.20
0.772
-
0.795
-
H2
19.60
-
20.20
0.772
-
0.795
-
L1
17.80
18.00
18.20
0.701
0.709
0.717
-
L2
2.30
2.50
2.80
0.091
0.098
0.110
-
L3
17.25
17.50
17.75
0.679
0.689
0.699
-
L4
10.30
10.70
10.90
0.406
0.421
0.429
-
L5
2.70
3.00
3.30
0.106
0.118
0.130
-
L7
2.65
-
2.90
0.104
-
0.114
-
N
-
--
--
-
-
P
-
--
--
-
-
R
-
1.50
-
-
0.059
-
-
R1
--
--
---
S
1.90
-
2.60
0.075
-
0.102
-
S1
1.90
-
2.60
0.075
-
0.102
-
V
-
--
--
-
-
Diam.1
3.65
-
3.85
0.144
-
0.152
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21