Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7292 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Fiches technique(HTML) 1 Page - STMicroelectronics

  TDA7292 Datasheet HTML 1Page - STMicroelectronics TDA7292 Datasheet HTML 2Page - STMicroelectronics TDA7292 Datasheet HTML 3Page - STMicroelectronics TDA7292 Datasheet HTML 4Page - STMicroelectronics TDA7292 Datasheet HTML 5Page - STMicroelectronics TDA7292 Datasheet HTML 6Page - STMicroelectronics TDA7292 Datasheet HTML 7Page - STMicroelectronics TDA7292 Datasheet HTML 8Page - STMicroelectronics TDA7292 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
February 2012
Doc ID 15775 Rev 5
1/22
1
TDA7292
40 W + 40 W stereo amplifier with mute and standby
Datasheet
− production data
Features
■ Wide supply voltage range (up to ± 33 V)
■ Split supply
■ High output power
■ 40 W + 40 W into 8
Ω
with VS = ±26 V and THD = 10%
■ No “pop” at turn on/off
■ Mute (“pop”-free)
■ Standby feature (low Iq)
■ Short-circuit protection
■ Thermal overload protection
Description
The TDA7292 is a class-AB dual audio power
amplifier assembled in a Multiwatt package.
It has been specifically designed for high-quality
sound applications such as hi-fi music centers
and stereo TV sets.
Figure 1.
Applications circuit
Multiwatt11
Table 1.
Device summary
Order code
Operating temp. range
Package
Packaging
TDA7292
0° to 70° C
Multiwatt11
Tube
+5V
18K
15K
IN (L)
1
μF
15K
1
μF
MUTE/
ST-BY
GND
IN (R)
1
μF
4.7
Ω
4.7
Ω
100nF
100nF
OUT (L)
OUT (R)
1000
μF
1000
μF
+VS
3
5
7
9
6
11
2
4
+
+
-
-
D94AU085
RL (L)
RL (R)
-VS
μP
560
Ω
18K
IN- (L)
8
10
IN- (R)
1
560
Ω
18K
47K
www.st.com


Numéro de pièce similaire - TDA7292

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Dec-1999
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
396Kb / 21P
120-volt, 100-watt, DMOS audio amplifier with mute and standby
24-Sep-2010
TDA7293HS STMICROELECTRONICS-TDA7293HS Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7293HS STMICROELECTRONICS-TDA7293HS Datasheet
396Kb / 21P
120-volt, 100-watt, DMOS audio amplifier with mute and standby
24-Sep-2010
More results

Description similaire - TDA7292

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
logo
Sanyo Semicon Device
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
30 W 30 W stereo amplifier with mute and standby
19-Dec-2011
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com