Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2050 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce TDA2050
Description  32 W hi-fi audio power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button TDA2050 Datasheet HTML 7Page - STMicroelectronics TDA2050 Datasheet HTML 8Page - STMicroelectronics TDA2050 Datasheet HTML 9Page - STMicroelectronics TDA2050 Datasheet HTML 10Page - STMicroelectronics TDA2050 Datasheet HTML 11Page - STMicroelectronics TDA2050 Datasheet HTML 12Page - STMicroelectronics TDA2050 Datasheet HTML 13Page - STMicroelectronics TDA2050 Datasheet HTML 14Page - STMicroelectronics TDA2050 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TDA2050
Short-circuit protection
Doc ID 1461 Rev 3
11/18
5
Short-circuit protection
The TDA2050 has an original circuit which limits the current of the output transistors. The
maximum output current is a function of the collector emitter voltage, hence the output
transistors work within their safe operating area. This function can therefore be considered
as being peak power limiting rather than simple current limiting. It reduces the possibility
that the device gets damaged during an accidental short-circuit from AC output to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18