Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA541SA Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 18Page - STMicroelectronics STA541SA Datasheet HTML 19Page - STMicroelectronics STA541SA Datasheet HTML 20Page - STMicroelectronics STA541SA Datasheet HTML 21Page - STMicroelectronics STA541SA Datasheet HTML 22Page - STMicroelectronics STA541SA Datasheet HTML 23Page - STMicroelectronics STA541SA Datasheet HTML 24Page - STMicroelectronics STA541SA Datasheet HTML 25Page - STMicroelectronics STA541SA Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Package mechanical data
STA541SA
22/26
Doc ID 16988 Rev 2
8
Package mechanical data
The STA541SA is housed in a Clipwatt 15-lead split vertical package. Figure 23 shows the
package outline and Table 7 gives the dimensions.
Figure 23.
Package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26