Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA369BWS Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 20Page - STMicroelectronics STA369BWS Datasheet HTML 21Page - STMicroelectronics STA369BWS Datasheet HTML 22Page - STMicroelectronics STA369BWS Datasheet HTML 23Page - STMicroelectronics STA369BWS Datasheet HTML 24Page - STMicroelectronics STA369BWS Datasheet HTML 25Page - STMicroelectronics STA369BWS Datasheet HTML 26Page - STMicroelectronics STA369BWS Datasheet HTML 27Page - STMicroelectronics STA369BWS Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
Register description
STA369BWS
24/89
Doc ID 16861 Rev 4
0x1F
A1CF3
C3B[7:0]
0x20
A2CF1
C4B[23:16]
0x21
A2CF2
C4B[15:8]
0x22
A2CF3
C4B[7:0]
0x23
B0CF1
C5B[23:16]
0x24
B0CF2
C5B[15:8]
0x25
B0CF3
C5B[7:0]
0x26
CFUD
Reserved
RA
R1
WA
W1
0x27
MPCC1
MPCC[15:8]
0x28
MPCC2
MPCC[7:0]
0x29
DCC1
DCC[15:8]
0x2A
DCC2
DCC[7:0]
0x2B
FDRC1
FDRC[15:8]
0x2C
FDRC2
FDRC[7:0]
0x2D
STATUS
PLLUL
FAULT
UVFAULT
Reserved
OCFAULT
OCWARN
TFAULT
TWARN
0x2E
Reserved
Reserved
0x2F
Reserved
Reserved
0x30
Reserved
Reserved
0x31
EQCFG
XOB
Reserved
Reserved
AMGC[3:2]
Reserved
SEL[1:0]
0x32
EATH1
EATHEN1
EATH1[6:0]
0x33
ERTH1
ERTHEN1
ERTH1[6:0]
0x34
EATH2
EATHEN2
EATH2[6:0]
0x35
ERTH2
ERTHEN2
ERTH2[6:0]
0x36
CONFX
MDRC[1:0]
PS48DB
XAR1
XAR2
BQ5
BQ6
BQ7
0x37
SVCA
Reserved
Reserved
SVUPE
SVUP[4:0]
0x38
SVCB
Reserved
Reserved
SVDWE
SVDW[4:0]
0x39
RMS0A
R_C0[23:16]
0x3A
RMS0B
R_C0[15:8]
0x3B
RMS0C
R_C0[7:0]
0x3C
RMS1A
R_C1[23:16]
0x3D
RMS1B
R_C1[15:8]
0x3E
RMS1C
R_C1[7:0]
0x3F
EVOLRES
VRESEN
VRESTG
C3VR[1:0]
C2VR[1:0]
C1VR[1:0]
0x40
Reserved
Reserved
0x41
Reserved
Reserved
Table 8.
Register summary (continued)
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89