| Moteur de recherche de fiches techniques de composants électroniques |
|
STA3398W Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA3398W Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 77 page ![]() STA339BW Register description Doc ID 15251 Rev 5 41/77 2.0 channels, two full bridges (OCFG = 00) FFX1A -> OUT1A FFX1B -> OUT1B FFX2A -> OUT2A FFX2B -> OUT2B FFX3A -> OUT3A FFX3B -> OUT3B FFX4A -> OUT4A FFX4B -> OUT4B FFX1A/1B configured as ternary FFX2A/2B configured as ternary FFX3A/3B configured as lineout ternary FFX4A/4B configured as lineout ternary On channel 3 line out (LOC bits = 00) the same data as channel 1 processing is sent. On channel 4 line out (LOC bits = 00) the same data as channel 2 processing is sent. In this configuration, volume control or EQ have no effect on channels 3 and 4. In this configuration the PWM slot phase is the following as shown in Figure 16. Figure 16. 2.0 channels (OCFG = 00) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT4A OUT4B |