Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA333W Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STA333W
Description  2-channel high-efficiency digital audio system Sound Terminal?
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 28Page - STMicroelectronics STA333W Datasheet HTML 29Page - STMicroelectronics STA333W Datasheet HTML 30Page - STMicroelectronics STA333W Datasheet HTML 31Page - STMicroelectronics STA333W Datasheet HTML 32Page - STMicroelectronics STA333W Datasheet HTML 33Page - STMicroelectronics STA333W Datasheet HTML 34Page - STMicroelectronics STA333W Datasheet HTML 35Page - STMicroelectronics STA333W Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Register description
STA333W
32/49
Doc ID 13365 Rev 2
6.2
Volume control registers (addr 0x06 to 0x09)
6.2.1
Mute/line output configuration register (addr 0x06)
Master mute
Channel mute
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
C2M
C1M
MMUTE
00
00
000
0
Table 39.
Master mute
Bit
R/W
RST
Name
Description
0R/W
0MMUTE
0: normal operation
1: all channels are in mute condition
Table 40.
Channel mute
Bit
R/W
RST
Name
Description
1R/W
0C1M
Channel 1 mute:
0: not muted, it is possible to set the channel volume
1: hardware muted
2R/W
0C2M
Channel 2 mute:
0: not muted, it is possible to set the channel volume
1: hardware muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49