Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ULN2003 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce ULN2003
Description  Seven Darlington array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2003 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button ULN2003 Datasheet HTML 7Page - STMicroelectronics ULN2003 Datasheet HTML 8Page - STMicroelectronics ULN2003 Datasheet HTML 9Page - STMicroelectronics ULN2003 Datasheet HTML 10Page - STMicroelectronics ULN2003 Datasheet HTML 11Page - STMicroelectronics ULN2003 Datasheet HTML 12Page - STMicroelectronics ULN2003 Datasheet HTML 13Page - STMicroelectronics ULN2003 Datasheet HTML 14Page - STMicroelectronics ULN2003 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ULN2001, ULN2002, ULN2003, ULN2004
Package mechanical data
Doc ID 5279 Rev 8
11/16
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK® is an ST trademark.
Table 5.
DIP-16L mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
5.33
A1
0.38
A2
2.92
3.30
4.95
b
0.36
0.46
0.56
b2
1.14
1.52
1.78
c
0.20
0.25
0.36
D
18067
19.18
19.69
E
7.62
7.87
8.26
E1
6.10
6.35
7.11
e2.54
e1
17.78
eA
7.62
eB
10.92
L
2.92
3.30
3.81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16