Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC1021 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce TSC1021
Description  High-side current sense amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021 Fiches technique(HTML) 3 Page - STMicroelectronics

  TSC1021 Datasheet HTML 1Page - STMicroelectronics TSC1021 Datasheet HTML 2Page - STMicroelectronics TSC1021 Datasheet HTML 3Page - STMicroelectronics TSC1021 Datasheet HTML 4Page - STMicroelectronics TSC1021 Datasheet HTML 5Page - STMicroelectronics TSC1021 Datasheet HTML 6Page - STMicroelectronics TSC1021 Datasheet HTML 7Page - STMicroelectronics TSC1021 Datasheet HTML 8Page - STMicroelectronics TSC1021 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TSC1021
Pin configuration
Doc ID 17857 Rev 1
3/12
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 1 describes the function of each pin. Their position is shown in the illustration on the
cover page and in Figure 1 above.
A1
Table 1.
Pin description
Pin number
Symbol
Type
Function
1Vm
Analog input
Connection for the external sense resistor. The
measured current exits the shunt on the Vm side.
3
Gnd
Power supply
Ground line
4
Out
Analog output
Buffered output of the current sensing amplifier
6VCC
Power supply
Positive power supply line
8Vp
Analog input
Connection for the external sense resistor. The
measured current enters the shunt on the Vp side.
2
1
3
Gnd
Vm
NC
6
8
Vcc
Vp
4
Out
7 NC
5 NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12