Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STULPI01B Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STULPI01B
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STULPI01B_12 Datasheet HTML 21Page - STMicroelectronics STULPI01B_12 Datasheet HTML 22Page - STMicroelectronics STULPI01B_12 Datasheet HTML 23Page - STMicroelectronics STULPI01B_12 Datasheet HTML 24Page - STMicroelectronics STULPI01B_12 Datasheet HTML 25Page - STMicroelectronics STULPI01B_12 Datasheet HTML 26Page - STMicroelectronics STULPI01B_12 Datasheet HTML 27Page - STMicroelectronics STULPI01B_12 Datasheet HTML 28Page - STMicroelectronics STULPI01B_12 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
STULPI01A, STULPI01B
Block description
Doc ID 14817 Rev 4
25/44
Note:
Software reset is not required in the startup procedure for the STULPI. The chip is ready for
operation after the hardware reset procedure.
6.18.7
High-speed mode entry
In High-speed mode, the internal 480-MHz clock is generated by the DLL, which must be
calibrated any time the device enters High-speed mode by writing '00' to the XcvrSel field in
the Function Control register. During the DLL calibration, it is not possible to accept any
commands, therefore, to avoid any communication problems with the controller, the clock on
the ULPI interface is stopped. See Figure 10 for more information.
Figure 8.
Startup sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44