Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST3241EC Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce ST3241EC
Description  ±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3241EC Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button ST3241EC_10 Datasheet HTML 5Page - STMicroelectronics ST3241EC_10 Datasheet HTML 6Page - STMicroelectronics ST3241EC_10 Datasheet HTML 7Page - STMicroelectronics ST3241EC_10 Datasheet HTML 8Page - STMicroelectronics ST3241EC_10 Datasheet HTML 9Page - STMicroelectronics ST3241EC_10 Datasheet HTML 10Page - STMicroelectronics ST3241EC_10 Datasheet HTML 11Page - STMicroelectronics ST3241EC_10 Datasheet HTML 12Page - STMicroelectronics ST3241EC_10 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
ST3241EB - ST3241EC
10/13
Doc ID 9066 Rev 5
Dim.
.
h
c
n
i
.
m
m
Min.
Typ.
Max.
Min.
Typ.
Max.
7
0
.
0
2
A
9
2
0
0
.
0
0
5
0
.
0
1
A
A2
1.65
1.75
1.85
0.065
0.069
0.073
b
.
0
2
2
.
0
38
0.009
0.015
c
0.09
0
1
0
.
0
4
0
0
.
0
5
2
.
0
D
9.9
10.2
10.5
0.390
0.402
0.413
E
7.4
7.88.2
0.291
0.307
0.323
E1
5
5.3
5.6
0.197
0.209
0.220
B
5
6
.
0
e
S
B
6
5
2
0
.
0
C
SC
°
0
1
°
0
°
0
1
°
0
K
L
0.55
0.75
0.95
0.022
0.0300.037
SSOP28 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13