Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV393IDT Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce LMV393IDT
Description  General-purpose low voltage comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV393IDT Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button LMV393IDT Datasheet HTML 9Page - STMicroelectronics LMV393IDT Datasheet HTML 10Page - STMicroelectronics LMV393IDT Datasheet HTML 11Page - STMicroelectronics LMV393IDT Datasheet HTML 12Page - STMicroelectronics LMV393IDT Datasheet HTML 13Page - STMicroelectronics LMV393IDT Datasheet HTML 14Page - STMicroelectronics LMV393IDT Datasheet HTML 15Page - STMicroelectronics LMV393IDT Datasheet HTML 16Page - STMicroelectronics LMV393IDT Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
LMV331, LMV393, LMV339
16/17
Doc ID 16866 Rev 3
6
Revision history
Table 12.
Document revision history
Date
Revision
Changes
08-Dec-2009
1
Initial release.
03-May-2010
2
Corrected Icc unit in Figure 2 and Figure 3.
12-Dec-2011
3
– Added LMV393 and LMV339 devices to the datasheet.
– Added Vout parameter in Table 1: Absolute maximum ratings.
– Removed note "The magnitude of input and output voltages must
never exceed the supply rail ±0.3 V." from Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17