Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3017Q Fiches technique(PDF) 39 Page - Sony Corporation

No de pièce CXD3017Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3017Q Fiches technique(HTML) 39 Page - Sony Corporation

Back Button CXD3017Q Datasheet HTML 35Page - Sony Corporation CXD3017Q Datasheet HTML 36Page - Sony Corporation CXD3017Q Datasheet HTML 37Page - Sony Corporation CXD3017Q Datasheet HTML 38Page - Sony Corporation CXD3017Q Datasheet HTML 39Page - Sony Corporation CXD3017Q Datasheet HTML 40Page - Sony Corporation CXD3017Q Datasheet HTML 41Page - Sony Corporation CXD3017Q Datasheet HTML 42Page - Sony Corporation CXD3017Q Datasheet HTML 43Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
– 39 –
CXD3017Q
Command bit
FMUT = 1
FMUT = 0
Forced mute is on.
Forced mute is off.
Meaning
∗ FMUT can be set when OPSL2 = 1.
Command bit
BSBST = 1
BSBST = 0
Bass boost is on.
Bass boost is off.
Processing
∗ BSBST can be set when OPSL2 = 1.
Command bit
BBSL = 1
BBSL = 0
Bass boost is Max.
Bass boost is Mid.
Processing
∗ BBSL can be set when OPSL2 = 1.
Command bit
LRWO = 1
LRWO = 0
Forced synchronization mode Note)
Normal operation.
Meaning
∗ LRWO can be set when OPSL2 = 1.
Note) Synchronization is performed at the first falling edge of LRCK during reset, so there is normally no need
to set this mode. However, synchronization can be forcibly performed by setting LRWO = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More