| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9645 Fiches technique(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9645 Fiches technique(HTML) 9 Page - Analog Devices |
|
9 / 36 page ![]() Data Sheet AD9645 Rev. 0 | Page 9 of 36 D0x– D0x+ FCO– DCO+ CLK+ VINx± CLK– DCO– FCO+ D12 N – 17 MSB N – 17 D11 N – 17 D10 N – 17 D9 N – 17 D8 N – 17 D7 N – 17 D6 N – 17 D5 N – 17 D4 N – 17 D3 N – 17 D2 N – 17 D1 N – 17 LSB N – 17 0 N – 17 0 N – 17 MSB N – 16 D14 N – 16 D13 N – 16 tA tDATA tEH tFCO tFRAME tPD tCPD tEL N – 1 N Figure 6. Wordwise DDR, One-Lane, 1× Frame, 16-Bit Output Mode D0x– D0x+ FCO– DCO+ CLK+ VINx± CLK– DCO– FCO+ D10 N – 17 MSB N – 17 D9 N – 17 D8 N – 17 D7 N – 17 D6 N – 17 D5 N – 17 D4 N – 17 D3 N – 17 D2 N – 17 D1 N – 17 D0 N – 17 MSB N – 16 D10 N – 16 tA tDATA tEH tFCO tFRAME tPD tCPD tEL N – 1 N Figure 7. Wordwise DDR, One-Lane, 1× Frame, 12-Bit Output Mode |