Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF2S24UCT Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce DF2S24UCT
Description  Product for Use Only as Protection against Electrostatic Discharge(ESD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S24UCT Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  DF2S24UCT Datasheet HTML 1Page - Toshiba Semiconductor DF2S24UCT Datasheet HTML 2Page - Toshiba Semiconductor DF2S24UCT Datasheet HTML 3Page - Toshiba Semiconductor DF2S24UCT Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DF2S24UCT
2011-11-10
2
Guaranteed Level of ESD Immunity
Criterion: No damage to device elements
Test Condition
ESD Immunity Level
IEC61000-4-2
(Contact discharge)
±8 kV



Html Pages

1 2 3 4