| Moteur de recherche de fiches techniques de composants électroniques |
|
MMQA Fiches technique(PDF) 7 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MMQA Fiches technique(HTML) 7 Page - Motorola, Inc |
|
7 / 8 page ![]() 7 MOTOROLA MMQA Series OUTLINE DIMENSIONS CASE 318F-01 ISSUE A SC-59 6 LEAD NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. STYLE 1: PIN 1. CATHODE 2. ANODE 3. CATHODE 4. CATHODE 5. ANODE 6. CATHODE MIN MIN MAX MAX INCHES MILLIMETERS DIM A B C D G H J K L M S 2.70 1.30 1.00 0.35 0.85 0.013 0.10 0.20 1.25 0 _ 2.50 3.10 1.70 1.30 0.50 1.05 0.100 0.26 0.60 1.65 10 _ 3.00 0.1063 0.0512 0.0394 0.0138 0.0335 0.0005 0.0040 0.0079 0.0493 0 _ 0.0985 0.1220 0.0669 0.0511 0.0196 0.0413 0.0040 0.0102 0.0236 0.0649 10 _ 0.1181 A G S L D H C K J B 0.05 (0.002) M 12 3 4 5 6 |