| Moteur de recherche de fiches techniques de composants électroniques |
|
RN1973FS Fiches technique(PDF) 5 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
RN1973FS Fiches technique(HTML) 5 Page - Toshiba Semiconductor |
|
5 / 6 page ![]() RN1972FS,RN1973FS 2007-11-01 5 Type Name Marking RN1972FS RN1973FS Handling Precaution When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic discharge. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. Type name JH 1 2 3 4 5 6 Type name JJ 2 3 4 5 6 1 |