| Moteur de recherche de fiches techniques de composants électroniques |
|
RN1971FS Fiches technique(PDF) 5 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
RN1971FS Fiches technique(HTML) 5 Page - Toshiba Semiconductor |
|
5 / 6 page ![]() RN1970FS,RN1971FS 2007-11-01 5 Type Name Marking RN1970FS RN1971FS Handling Precaution When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. Type name J9 1 2 3 4 5 6 Type name JF 2 3 4 5 6 1 |