| Moteur de recherche de fiches techniques de composants électroniques |
|
RN1964FS Fiches technique(PDF) 7 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
RN1964FS Fiches technique(HTML) 7 Page - Toshiba Semiconductor |
|
7 / 8 page ![]() RN1961FS~RN1966FS 2007-11-01 7 Type Name Marking RN1961FS RN1962FS RN1963FS RN1964FS RN1965FS RN1966FS Handling Precaution When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. Type name J0 1 2 3 4 5 6 Type name J1 1 2 3 4 5 6 Type name J2 1 2 3 4 5 6 Type name J3 1 2 3 4 5 6 Type name J4 1 2 3 4 5 6 Type name J5 1 2 3 4 5 6 |