| Moteur de recherche de fiches techniques de composants électroniques |
|
MMPF0100 Fiches technique(PDF) 61 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMPF0100 Fiches technique(HTML) 61 Page - Freescale Semiconductor, Inc |
|
61 / 136 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 61 PF0100 Functional Block Requirements and Behaviors Power Generation SW3A/B Single Phase In this configuration, SW3ALX and SW3BLX are connected in single phase with a single inductor a shown in Figure 16, This configuration reduces cost and component count. Feedback is taken from the SW3AFB pin and the SW3BFB pin must be left open. Although control is from SW3A, registers of both regulators, SW3A and SW3B, must be identically set. Driver Controller SW3AIN SW3ALX SW3AFB ISENSE COSW3A CINSW3A LSW3A I2C Interface GNDSW3A SW3 SW3AMODE SW3AFAULT VIN Driver Controller SW3BIN SW3BLX ISENSE CINSW3B GNDSW3B SW3BMODE SW3BFAULT VIN EA Z1 Z2 Internal Compensation VREF DAC I2C EA Z1 Z2 Internal Compensation VREF DAC I2C SW3BFB Figure 16. SW3A/B Single Phase Block Diagram |