Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSMF05C Fiches technique(PDF) 4 Page - Protek Devices

No de pièce MSMF05C
Description  MULTI-LINE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MSMF05C Fiches technique(HTML) 4 Page - Protek Devices

  MSMF05C Datasheet HTML 1Page - Protek Devices MSMF05C Datasheet HTML 2Page - Protek Devices MSMF05C Datasheet HTML 3Page - Protek Devices MSMF05C Datasheet HTML 4Page - Protek Devices MSMF05C Datasheet HTML 5Page - Protek Devices MSMF05C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05195.R6 9/12
Page 4
MSMF05C- MSMF24C
Sot-563 PaCkaGe inFoRMation
outline DiMenSionS
DiM
MilliMeteRS
inCheS
Min
MaX
Min
MaX
A
1.50
1.70
0.059
0.067
B
1.10
1.30
0.043
0.051
C
0.50
0.60
0.020
0.024
D
0.17
0.27
0.007
0.011
G
0.50 BSC
0.020 BSC
J
0.08
0.18
0.003
0.007
K
0.10
0.30
0.004
0.012
S
1.50
1.70
0.059
0.067
noteS
1. Controlling dimension: inches.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
PaD layout DiMenSionS
DiM
MilliMeteRS
inCheS
noMinal
noMinal
A
1.40
0.055
B
1.02
0.040
C
0.30
0.012
D
0.51
0.020
E
0.51
0.020
noteS
1. Controlling dimension: inches.
A
B
D
G
J
C
K
S
1
A
B
D
C
E



Html Pages

1 2 3 4 5 6