Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAD1107 Fiches technique(PDF) 2 Page - Protek Devices

No de pièce MAD1107
Description  ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MAD1107 Fiches technique(HTML) 2 Page - Protek Devices

  MAD1107 Datasheet HTML 1Page - Protek Devices MAD1107 Datasheet HTML 2Page - Protek Devices MAD1107 Datasheet HTML 3Page - Protek Devices MAD1107 Datasheet HTML 4Page - Protek Devices MAD1107 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05146.R11 9/12
Page 2
MAD Series
Pin iDentiFicAtion AnD conFiguRAtion
3
5
7
8
9
11 12
2
14
MAD1106
8 Diode Common Anode Array
NC Pins 1, 4, 6, 10 & 13
8 Lines of Protection
MAD1103
16 Diode Array
NC Pins 4, 6, 10 & 13
8 Lines of Protection
3
5
7
8
9
11 12
2
1
14
MAD1107
Dual 8 Diode Array
NC Pins 6 & 13
8 Lines of Protection
3
11 12
2
1
14
9
5
4
10
8
7
MAD1105
8 Diode Common Cathode Array
NC Pins 1, 4, 6, 10 & 13
8 Lines of Protection
3
5
7
8
9
11 12
2
14
MAD1109
7 Isolated Diode Array
(Independent)
7 Lines of Protection
7
8
6
9
5
10
4
11
3
12
2
13
1
14



Html Pages

1 2 3 4 5