Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRF949 Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce PRF949
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRF949 Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button PRF949 Datasheet HTML 17Page - NXP Semiconductors PRF949 Datasheet HTML 18Page - NXP Semiconductors PRF949 Datasheet HTML 19Page - NXP Semiconductors PRF949 Datasheet HTML 20Page - NXP Semiconductors PRF949 Datasheet HTML 21Page - NXP Semiconductors PRF949 Datasheet HTML 22Page - NXP Semiconductors PRF949 Datasheet HTML 23Page - NXP Semiconductors PRF949 Datasheet HTML 24Page - NXP Semiconductors PRF949 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
22
NXP Semiconductors RF Manual 16th edition
1.3.5 Satellite multi-switch box - 4 x 4 (up to 16 x 16) / DiSEqC / SMATV
Application diagram
brb023
output
amplifiers
input
amplifiers
LNB
input
amplifier
terrestrial
terrestrial
input
coax out to STB
coax out to STB
coax out to STB
coax out to STB
SWITCH MATRIX
FOR 4 × 4,
NEEDS 16
(SINGLE) PIN
DIODES
Recommended products
Function
Product
Package
Type
Input
amplifier
terrestrial
MMIC
General
purpose
medium
power
amplifier
SOT89
BGA6289
BGA6489
BGA6589
BGA7024
SOT908
BGA7124
Function
Product
Package
Type
Input
amplifier
LNB
MMIC
General
purpose
amplifier
SOT363
BGA2771
SOT363
BGA2866
SOT363
BGA2867
SOT363
BGA2818
RF bipolar
transistor
Wideband
transistor
SOT343
BFG325
SOT343
BFG425W
SOT143
BFG520
SOT143
BFG540
SiGe:C
transistor
SOT343F
BFU660F
BFU725F/N1
BFU730F
Function
Product
Package
Type
Switch
matrix
RF diode
PIN diode
Various
BAP50^
BAP51^
BAP63^
BAP64^
BAP70^
BAP1321^
RF transistor
SiGe:C
transistor
SOT343F
BFU725F/N1
BFU730F
^ Also available in ultra-small leadless package SOD882D
Function
Product
Package
Type
Output
amplifier
MMIC
General
purpose
medium
power
amplifier
SOT89
BGA6289
BGA6489
BGA6589
BGA7024
SOT908
BGA7124
General
purpose
amplifier
SOT363
BGM1011
SOT363
BGA2869
RF bipolar
transistor
Wideband
transistor
SOT223
BFG135
SOT223
BFG 591
SOT223
BFG198
SOT143
BFG540
SiGe:C
transistor
SOT343F
BFU725F/N1
BFU730F
Product highlight:
PIN diodes for switching matrix
In addition to delivering outstanding RF performance, this component
simplifies design-in because of its extremely low forward resistance,
diode capacitance, and series inductance. Significant board space
is saved by supplying a range of highly compact package options,
including SOD523, SOD323 and leadless SOD882D.
Features
` High isolation, low distortion, low insertion loss
` Low forward resistance (Rd) and diode capacitance (Cd)
` Ultra-small package options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More