| Moteur de recherche de fiches techniques de composants électroniques |
|
PRF947 Fiches technique(PDF) 120 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PRF947 Fiches technique(HTML) 120 Page - NXP Semiconductors |
|
120 / 130 page ![]() 121 NXP Semiconductors RF Manual 16th edition SOT1112A 16.65x20.32x4.205 60 112 blister, tray 100 118 reel SOT1112B 16.65x15.22x4.205 60 112 blister, tray 100 118 reel SOT1120A 9.4x19.815x4.1 60 112 blister, tray 100 118 reel SOT1120B 9.4x19.815x4.1 60 112 blister, tray 100 118 reel SOT1121A 34.16x19.94x4.75 60 112 blister, tray 100 118 reel SOT1121B 20.70x19.94x4.75 60 112 blister,tray 100 118 reel SOT1121C 13.4x20.575x3.785 DEV DEV DEV SOT1130A 20.45x17.12x4.65 60 112 blister, tray SOT1130B 9.91x17.12x4.65 60 112 blister, tray SOT1135A 20.45x19.94x4.65 60 112 blister, tray 100 118 reel SOT1135B 16.65x9.78x4.205 60 112 blister, tray 100 118 reel SOT1135C 16.65x9.78x4.205 60 112 blister, tray 100 118 reel SOT1138 19.48x20.57x3.9 DEV DEV DEV SOT1179 4.0x6.0x0.85 DEV DEV DEV SOT1198-1 10.0x5.5x0.8 1000 115 reel SOT1204 13.2x20.57x3.9 DEV DEV DEV SOT1209 2x1.3x0.35 5000 147 8 mm tape and reel SOT1240B 21.60x20.575x3.875 DEV DEV DEV SOT1240C 18.00x20.575x3.875 DEV DEV DEV SOT1242B 22.60x32.45x4.455 DEV DEV DEV SOT1242C 18.00x32.45x4.455 DEV DEV DEV SOT1244B 19.43x20.575x3.875 DEV DEV DEV SOT1244C 18.00x20.575x3.875 DEV DEV DEV Package Package dimensions L x W x H (mm) Packing quantity Product 12NC ending Packing method |