| Moteur de recherche de fiches techniques de composants électroniques |
|
PRF947 Fiches technique(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PRF947 Fiches technique(HTML) 31 Page - NXP Semiconductors |
|
31 / 130 page ![]() 32 NXP Semiconductors RF Manual 16th edition 1.5.2 Remote keyless entry, RF generic front-end with dedicated antenna for reception and transmission bra851 LOW FREQUENCY CHIP SET VCO mixer receiver transmitter filter LNA filter antenna antenna buffer LOW FREQUENCY CHIP SET VCO driver PA filter Recommended products Function Product Package Type LNA RF bipolar transistor Wideband transistor SOT23 PBR951 SOT323 PRF957 SOT323 PRF947 MMIC Low-noise wideband ampl. SOT1209 BGU6101 BGU6102 BGU6104 SiGe:C MMIC SOT886 BGU7003W Function Product Package Type Driver RF bipolar transistor Wideband transistor SOT323 PRF957 SOT23 PBR951 MMIC Gen-purp wideband amp SOT363 BGA2771 SOT363 BGA2866 Function Product Package Type VCO Varicap diodes VCO varicap diodes SOD323 BB148 SOD323 BB149A SOD523 BB198 SOD323 BB156 ^ AEC-Q101 qualified (some limitations apply) Function Product Package Type Mixer RF bipolar transistor Wideband transistor SOT343 BFG410W SOT343 BFG425W SOT343 BFG480W Function Product Package Type Buffer RF bipolar transistor Wideband transistor SOT23 PBR951 SOT323 PRF957 SOT323 PRF947 SOT416 PRF949 Function Product Package Type Power amplifier RF bipolar transistor Wideband transistor SOT323 PRF957 SOT23 PBR951 MMIC General-purpose wideband amplifier SOT363 BGA2771 SOT363 BGA2866 SOT908 BGA7124 Product highlight: Varicap diodes as VCO Varicap diodes are principally used as voltage varicap capacitors, with their diode function a secondary option. These devices are ideal for voltage controlled oscillators (VCOs) in ISM band applications. Features ` Excellent linearity ` Excellent matching ` Very low series resistance ` High capacitance ratio Application diagram |