Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

420LB28 Fiches technique(PDF) 4 Page - Protek Devices

No de pièce 420LB28
Description  TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

420LB28 Fiches technique(HTML) 4 Page - Protek Devices

  420LB28_12 Datasheet HTML 1Page - Protek Devices 420LB28_12 Datasheet HTML 2Page - Protek Devices 420LB28_12 Datasheet HTML 3Page - Protek Devices 420LB28_12 Datasheet HTML 4Page - Protek Devices 420LB28_12 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05048.R5 9/12
Page 4
420LB28 - 420LE60
PACKAGE INFORMATION
420LE OuTLINE DIMENsIONs
DIM
MILLIMETERs
INChEs
MIN
MAX
MIN
MAX
A
-
95.5
-
3.8
B
82.22
82.98
3.235
3.265
C
-
57.2
-
2.25
D
-
30.2
-
1.125
E
-
15.5
-
0.61
F
-
30.2
-
1.19
A
B
C
D
E
F
Mounting Hole
for #8 Screw
Terminal Screw
A
Adhesive Mylar Label
Terminal Strip
#6 Screws
ORDERING INFORMATION
BAsE PART NuMBER
(xx = voltage)
MARKING
420LBxx
Logo, Date Code, Terminal Designations and Part Number
420LExx
Logo, Date Code, Terminal Designations and Part Number



Html Pages

1 2 3 4 5