Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF06S Fiches technique(PDF) 11 Page - Diodes Incorporated

No de pièce DF06S
Description  High Power Factor LED Replacement T8 Fluorescent Tube
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF06S Fiches technique(HTML) 11 Page - Diodes Incorporated

Back Button DF06S Datasheet HTML 4Page - Diodes Incorporated DF06S Datasheet HTML 5Page - Diodes Incorporated DF06S Datasheet HTML 6Page - Diodes Incorporated DF06S Datasheet HTML 7Page - Diodes Incorporated DF06S Datasheet HTML 8Page - Diodes Incorporated DF06S Datasheet HTML 9Page - Diodes Incorporated DF06S Datasheet HTML 10Page - Diodes Incorporated DF06S Datasheet HTML 11Page - Diodes Incorporated DF06S Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AN75
Issue 1 – January 2011
11
www.diodes.com
© Diodes Incorporated 2010
Figure 6 LED driver power factor
Conclusion
This application note provides a simple tool to design an offline LED driver using the AL9910 high
voltage LED controller. It provides a high level of efficiency as well as LED current control over a wide
range of input voltages. Moreover the document explains how to design a system with passive power
factor correction to achieve PF greater than 0.7, allowing compliant with emergent international solid
state lighting standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12