| Moteur de recherche de fiches techniques de composants électroniques |
|
BGA2002 Fiches technique(PDF) 90 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BGA2002 Fiches technique(HTML) 90 Page - NXP Semiconductors |
|
90 / 130 page ![]() 91 NXP Semiconductors RF Manual 16th edition N-channel junction field-effect transistors for general RF applications Type Package V DS I G CHARACTERISTICS IDSS Vgsoff |Yfs| Crs (V) (mA) (mA) (V) (mS) (pF) max max min max min max min max min max DC, LF, and HF amplifiers BF545A SOT23 30 10 2 6.5 0.4 7.5 3 6.5 0.8 - BF545B SOT23 30 10 6 15 0.4 7.5 3 6.5 0.8 - BF545C SOT23 30 10 12 25 0.4 7.5 3 6.5 0.8 - BF556A SOT23 30 10 3 7 0.5 7.5 4.5 - 0.8 - BF556B SOT23 30 10 6 13 0.5 7.5 4.5 - 0.8 - BF556C SOT23 30 10 11 18 0.5 7.5 4.5 - 0.8 - Pre-amplifiers for AM tuners in car radios BF861A SOT23 25 10 2 6.5 0.2 1.0 12 20 2.1 2.7 BF861B SOT23 25 10 6 15 0.5 1.5 16 25 2.1 2.7 BF861C SOT23 25 10 12 25 0.8 2 20 30 2.1 2.7 BF862 SOT23 20 10 10 25 0.3 2 35 - typ=1.9 - RF stages FM portables, car radios, main radios & mixer stages BF510(1) SOT23 20 10 0.7 3 typ. 0.8 2.5 0.4 0.5 BF511(1) SOT23 20 10 2.5 7 typ. 1.5 4 0.4 0.5 BF512(1) SOT23 20 10 6 12 typ. 2.2 6 0.4 0.5 BF513(1) SOT23 20 10 10 18 typ. 3 7 0.4 0.5 Low-level general-purpose amplifiers BFR30 SOT23 25 5 4 10 < 5 1 4 1.5 - BFR31 SOT23 25 5 1 5 < 2.5 1.5 4.5 1.5 - General-purpose amplifiers BFT46 SOT23 25 5 0.2 1.5 < 1.2 > 1 1.5 - AM input stages UHF/VHF amplifiers PMBFJ308 SOT23 25 50 12 60 1 6.5 > 10 1.3 2.5 PMBFJ309 SOT23 25 50 12 30 1 4 > 10 1.3 2.5 PMBFJ310 SOT23 25 50 24 60 2 6.5 > 10 1.3 2.5 PMBFJ620 SOT363 25 50 24 60 2 6.5 10 1.3 2.5 (1) Asymmetrical 3.5.2 MOSFETs Why choose NXP's MOSFETs: ` Reference designs for TV tuning ` Short lead time ` Broad portfolio ` Smallest packages ` 2-in-1 FETs for tuner applications ` Reliable volume supply ` Best performance MOSFETs for TV tuning N-channel, single MOSFETs for switching Type Package V DS Characteristics ID IDSS VGS(th) RDSON Crs ton toff |S21(on)|2 |S21(off)|2 MODE (V) (mA) (mA) (V) (Ω) (pF) (ns) (ns) (dB) (dB) max max min max min max max min max typ max typ max max min BSS83 SOT143 10 50 - - 0.1 2 45 typ.0.6 - 1 - 5 - - enh. Silicon RF Switches BF1107 SOT23 3 10 - 100 - 7 20 - - - - - - 2.5 30 depl. BF1108 SOT143B 3 10 - 100 - 7 20 - - - - - - 3 30 depl. BF1108R SOT143R 3 10 - 100 - 7 20 - - - - - - 3 30 depl. BF1108W SOT343 3 10 - 100 - 7 20 - - - - - - 3 30 depl BF1108WR SOT343R 3 10 - 100 - 7 20 - - - - - - 3 30 depl BF1118 SOT143B 3 10 - 100 - 7 22 - - - - - - 3 30 depl BF1118R SOT143R 3 10 - 100 - 7 22 - - - - - - 3 30 depl BF1118W SOT343 3 10 - 100 - 7 22 - - - - - - 3 30 depl BF1118WR SOT343R 3 10 - 100 - 7 22 - - - - - - 3 30 depl Bold = highly recommended product RF MOSFET selection guide on www.nxp.com/rffets Easy-to-use parametric filters help you choose the right RF MOSFET for your design. |