Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFT93 Fiches technique(PDF) 98 Page - NXP Semiconductors

No de pièce BFT93
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFT93 Fiches technique(HTML) 98 Page - NXP Semiconductors

Back Button BFT93 Datasheet HTML 94Page - NXP Semiconductors BFT93 Datasheet HTML 95Page - NXP Semiconductors BFT93 Datasheet HTML 96Page - NXP Semiconductors BFT93 Datasheet HTML 97Page - NXP Semiconductors BFT93 Datasheet HTML 98Page - NXP Semiconductors BFT93 Datasheet HTML 99Page - NXP Semiconductors BFT93 Datasheet HTML 100Page - NXP Semiconductors BFT93 Datasheet HTML 101Page - NXP Semiconductors BFT93 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 130 page
background image
99
NXP Semiconductors RF Manual 16th edition
3.7.2 RF power transistors for broadcast / ISM applications
Why choose NXP’s RF power transistors for broadcast / ISM applications:
NXP's leading LDMOS technologies, together with advanced package concepts, enable power amplifiers that deliver
best-in-class performance. We offer the industry’s highest power and best ruggedness for all broadcast technologies.
Our portfolio includes transistors for Ultra High Frequency (UHF), Very High Frequency (VHF), and High Frequency (HF)
applications and covers ISM frequency bands.
` Highest power
` Best ruggedness
` Best broadband performance
` Best-in-class design support
` Very low thermal resistance design for unrivalled
reliability
3.7.2.1 0-1000 MHz (UHF/VHF/HF/ISM) LDMOS line-up
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
VDS
(V)
P
L
(W)
η
D
(%)
G
p
(dB)
Test signal
Package
BLF571
Driver
10
500
20
50
20
70
27,5
CW
SOT467C
BLF645
Final
1
1400
100
32
100
56
18
CW
SOT540A
BLF871(S)
1
1000
100
40
100
60
21
CW
SOT467
BLF647
1
800
300
32
150
60
12,5
CW
SOT540A
BLF572XR(S)*
10
500
200
50
200
70
24
pulsed
SOT1121
BLF647P(S)*
10
1400
200
32
200
70
18
pulsed
SOT1121
BLF573(S)
10
500
300
50
300
70
27.2
CW
SOT502
BLF369
10
500
500
32
500
60
18
CW
SOT800-2
BLF574
10
500
600
50
500
70
26.5
CW
SOT539A
BLF574XR(S)*
10
500
600
50
600
70
26
pulsed
SOT539
BLF578
10
500
1200
50
1000
75
26
CW
SOT539A
BLF578XR(S)*
10
500
1400
50
1400
69
23
pulsed
SOT539
BLF861A
470
860
150
32
150
60
14
CW
SOT540A
BLF174XR(S)
10
128
600
50
600
75
28
pulsed
SOT539
BLF178XR(S)
10
128
1400
50
1400
72
29
pulsed
SOT539
3.7.2.2 UHF 470-860 MHz LDMOS line-up
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
VDS
(V)
P
L
(W)
η
D
(%)
G
p
(dB)
Test signal
Package
BLF642
Driver
1
1400
35
32
35
63
19
CW
SOT467C
BLF871(S)
Final
1
1000
100
40
100
60
21
CW
SOT467
BLF881(S)
1
1000
140
50
140
49
21
CW
SOT467
BLF878
470
860
300
42
300
46
21
CW
SOT979A
BLF884P(S)
470
860
300
50
150
46
21
CW
SOT1121
BLF879P
470
860
500
42
200
47
21
CW
SOT539A
BLF888
470
860
500
50
250
46
19
CW
SOT979A
BLF888A(S)
470
860
600
50
250
46
21
CW
SOT539
BLF888B(S)
470
860
600
50
250
46
21
CW
SOT539
3.7.2.3 2.45 GHz ISM LDMOS transistor line-up
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
VDS
(V)
P
L
(W)
η
D
(%)
G
p
(dB)
Test signal
Package
BLF25M612(G)
Driver
1
2500
12
28
12
60
19
CW
SOT975
BLF2425M7L(S)140
Final
2400
2500
140
28
140
52
17.5
CW
SOT502
BLF2425M6L(S)180P
2400
2500
180
28
180
55
12
CW
SOT539
BLF2425M7L(S)200
2400
2500
200
28
200
52
15
CW
SOT502
BLF2425M7L(S)250P
2400
2500
250
28
250
55
15
CW
SOT539
Bold red = new, highly recommended product
* Check status in section 3.1, as this type is not yet released for mass production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More