| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2021 Fiches technique(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2021 Fiches technique(HTML) 11 Page - Microchip Technology |
|
11 / 52 page ![]() © 2005-2012 Microchip Technology Inc. DS22018F-page 11 MCP2021/2/1P/2P TABLE 1-1: OVERVIEW OF OPERATIONAL MODES State Transmitter Receiver Voltage Regulator Operation Comments POR OFF OFF OFF Read VBB; if VBB>5.75V, enter Ready mode Ready OFF ON ON MCP2021/2: If CS/LWAKE is high level, then Operation mode. MCP2021P/2P: If CS/LWAKE is high level and FAULT/TXE is high level, then Operation mode. If CS/LWAKE is high level and FAULT/TXE is low level, then TXOFF mode. Bus Off state Operation ON ON ON If CS/LWAKE is low level, then Power- Down mode. If FAULT/TXE is low level or TXD/LBUS permanent dominant is detected, then Transmitter-Off mode. Normal Operation mode Power-Down OFF Activity Detect OFF On LIN bus falling, go to Ready mode. On CS/LWAKE high level, go through Ready mode; then, to either operation or Transmitter-Off mode (refer to Figure 1-2 and Figure 1-3). Low Power mode Transmitter-Off OFF ON ON If CS/LWAKE is low level, then Power- Down mode. If FAULT/TXE is high, then Operation mode. |