Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN4480 Fiches technique(PDF) 3 Page - Stanson Technology

No de pièce STN4480
Description  STN4480 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN4480 Fiches technique(HTML) 3 Page - Stanson Technology

  STN4480 Datasheet HTML 1Page - Stanson Technology STN4480 Datasheet HTML 2Page - Stanson Technology STN4480 Datasheet HTML 3Page - Stanson Technology STN4480 Datasheet HTML 4Page - Stanson Technology STN4480 Datasheet HTML 5Page - Stanson Technology STN4480 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STN4480
N Channel Enhancement Mode MOSFET
14.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STN4480 2010. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250uA
40
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=250uA
1.0
3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage
Drain Current
IDSS
VDS=32V,VGS=0V
1
uA
VDS=32V,VGS=0V
TJ=55℃
5
Drain-source On-
Resistance
RDS(on)
VGS=10V,ID=14A
VGS=4.5V,ID=8A
13
15
15.5
18.0
m
Forward
Transconductance
gfs
VDS=15V,ID=6.2AV
50
S
Diode Forward Voltage
VSD
IS=2.3A,VGS=0V
1.0
V
Dynamic
Total Gate Charge
Qg
VDS=20V,VGS=10V
ID≡14A
22
nC
Gate-Source Charge
Qgs
10.5
Gate-Drain Charge
Qgd
4.8
Input Capacitance
Ciss
VDS =20V,VGS=0V
F=1MHz
1600
pF
Output Capacitance
Coss
320
Reverse
TransferCapacitance
Crss
102
Turn-On Time
td(on)
tr
VDS=20V, VGS=10V
RL= 1.5
ID=5.0A,VGEN=3
3.5
nS
6
Turn-Off Time
td(off)
tf
13.2
3.5



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com