Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5000 Fiches technique(PDF) 2 Page - ams AG

No de pièce AS5000
Description  Axial Magnet 4x2x1mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5000 Fiches technique(HTML) 2 Page - ams AG

  AS5000 Datasheet HTML 1Page - ams AG AS5000 Datasheet HTML 2Page - ams AG AS5000 Datasheet HTML 3Page - ams AG AS5000 Datasheet HTML 4Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS5000-MA4X2H-1
Data Sheet
2.3
Magnetic field representation
Figure 3: Magnetic field representation over AS5510 Hall sensor
Lin
ear
ran
ge
Figure 4: Magnet scan
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Airgap 500um
Airgap 750um
Airgap 1000um
Airgap 1250um
Airgap 1500um
Airgap 1750um
Airgap 2000um
B (mT)
X offset from magnet
surface center (um)
If a magnet holder is used, this one ferromagnetic in order to keep the maximum magnetic field strength and
maximum linearity.
Materials as brass, copper, aluminium, stainless steel are the best choices to make this part.
www.austriamicrosystems.com
Revision 1.00
2 – 4



Html Pages

1 2 3 4