Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNI4140KTR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce VNI4140KTR
Description  Quad high-side smart power solid-state relay
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI4140KTR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button VNI4140KTR Datasheet HTML 17Page - STMicroelectronics VNI4140KTR Datasheet HTML 18Page - STMicroelectronics VNI4140KTR Datasheet HTML 19Page - STMicroelectronics VNI4140KTR Datasheet HTML 20Page - STMicroelectronics VNI4140KTR Datasheet HTML 21Page - STMicroelectronics VNI4140KTR Datasheet HTML 22Page - STMicroelectronics VNI4140KTR Datasheet HTML 23Page - STMicroelectronics VNI4140KTR Datasheet HTML 24Page - STMicroelectronics VNI4140KTR Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
VNI1440K
Package mechanical data
Doc ID 14174 Rev 10
21/25
Figure 17. PowerSSO-24™ tape dimensions
Note:
According to electronic industries association (EIA) Standard 481 rev. A, Feb 1986
Table 12.
PowerSSO-24™ tape dimensions
Tape width
W
24
Tape hole spacing
P0 (± 0.1)
4
Component spacing
P
12
Hole diameter
D (± 0.05)
1.55
Hole diameter
D1 (min)
1.5
Hole position
F (± 0.1)
11.5
Compartment depth
K (max)
2.85
Hole spacing
P1 (± 0.1)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25