| Moteur de recherche de fiches techniques de composants électroniques |
|
TMPM367FDFG Fiches technique(PDF) 17 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPM367FDFG Fiches technique(HTML) 17 Page - Toshiba Semiconductor |
|
17 / 24 page ![]() For details, please contact the third-party companies directly. (Listed in alphabetical order) F HI-LO SYSTEMS RESEARCH CO., LTD The ALL-100A programmer from Hi-Lo Systems has 68 sets of Precise Universal Pin Driver to provide high-speed, low-noise, accurate and reliable programming signals for various IC products including high-speed, low-power devices recently released to the market. ALL-100A can be set up for either single-site programming for engineering or multi-site programming for production. If required, up to 8 sets of ALL-100A can be set up for multi-set operation so up to 64 sites can be programmed simultaneously to maximize production. Supporting software for the ARM core-based TX03 Series, TLCS-900/H1 Series, TLCS-870/C1 Series, etc. is available now. Device support on the website for check/retrieve is updated weekly. http://www.hilosystems.com.tw/ Kyoto Microcomputer Co., Ltd. As a company specializing in debugger software and in-circuit emulators, Kyoto Microcomputer has been engaged in the improvement of embedded development environments. Its JTAG ICE, “PARTNER-Jet”, offers a powerful and efficient debug environment incorporating advanced features ahead of other companies, such as support for multi-core processors and operating systems with an MMU (Linux, Windows CE, T-Engine, etc.) that are recently adopted in high-end embedded environments. PARTNER-Jet supports the TX49 and TX99 Families. http://www.kmckk.co.jp/eng/ C D I IAR Systems offers an inexpensive evaluation kit for the ARM CortexTM-M3-based TX03 and ARM9-based TX09 Series. The IAR evaluation kit consists of a target board, an integrated development environment (evaluation version), a JTAG in-circuit emulator and ready-to-run sample application programs. You can readily use it for the entire development cycle from device evaluation to application-level prototyping and evaluation. You can save significant time and costs otherwise needed at the onset of development. http://www.iar.com/ IAR Systems C D R S F I GAIO TECHNOLOGY CO., LTD Gaio Technology develops and offers tools for improving the quality of embedded software, such as CoverageMaster winAMS, a unit testing tool for embedded software, No. 1 System Simulator that uses a high-speed MPU simulator, and CasePlayer2, a program chart and specification document generation tool. These tools support the latest ARM-based TX03 Series in addition to TX19, TLCS-900 and TLCS-870. http://www.gaio.com/ V Flash Support Group, Inc. Flash Support Group offers various semiconductor device tools mainly for Flash microcontrollers. The company’s product portfolio includes auto programming systems, a wide variety of programmers (covering low-cost on-board programming to development and mass-production programming) and peripheral tools. The programmers support an extensive range of devices including Toshiba’s TX19, TLCS-900 and TLCS-870 Families. Speedy and flexible programming services are also available. http://www.j-fsg.co.jp/en/ F Microtek embarked on contract IC programming in 2000. Since then, the company has been building a successful track record in a wide range of fields, including communications, information home appliances and automotive applications, as a reliable provider of IC programming services. MICROTEK Inc. http://www.microtek.co.jp/english/ P P – 17 – |