Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WI.DP1203-915-R Fiches technique(PDF) 13 Page - Semtech Corporation

No de pièce WI.DP1203-915-R
Description  True UART to Antenna Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

WI.DP1203-915-R Fiches technique(HTML) 13 Page - Semtech Corporation

Back Button WI.DP1203-915-R Datasheet HTML 9Page - Semtech Corporation WI.DP1203-915-R Datasheet HTML 10Page - Semtech Corporation WI.DP1203-915-R Datasheet HTML 11Page - Semtech Corporation WI.DP1203-915-R Datasheet HTML 12Page - Semtech Corporation WI.DP1203-915-R Datasheet HTML 13Page - Semtech Corporation WI.DP1203-915-R Datasheet HTML 14Page - Semtech Corporation WI.DP1203-915-R Datasheet HTML 15Page - Semtech Corporation WI.DP1203-915-R Datasheet HTML 16Page - Semtech Corporation WI.DP1203-915-R Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
WI.DP1203-XXX-R DATASHEET
12
6. Serial Control Interface
A 3-wire bi-directional bus (SCK, SI, SO) is used to control the DP1203F. The output signal, SO, is provided by
the Wi.DP1203-XXX-R
TM in opposition to the SCK and SI which needs to be provided by the external application
as an 8-bit microcontroller. An access Read or Write with the XE1203F is possible only when the enable signal is
active (active LOW).
For more information about the 3-wire bus, please refer to the XE1203F datasheet chapter; Serial interface
definition and principles of operation
.
Figure 4: Serial Control Interface
Chapter
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17