Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WI.DP1203-433-R Fiches technique(PDF) 15 Page - Semtech Corporation

No de pièce WI.DP1203-433-R
Description  True UART to Antenna Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

WI.DP1203-433-R Fiches technique(HTML) 15 Page - Semtech Corporation

Back Button WI.DP1203-433-R Datasheet HTML 9Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 10Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 11Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 12Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 13Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 14Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 15Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 16Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
WI.DP1203-XXX-R DATASHEET
14
8. Mechanical Dimensions
The following diagram shows the physical footprint and dimensions of the Wi.DP1203-XXX-R
TM drop-in module,
which should be implemented on the mother board.
Figure 6: Mechanical Dimensions
Chapter
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17