| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF85134 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85134 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 8 page ![]() Our I2C-bus website (www.nxp.com/interface) is a valuable resource for device information and training programs. It gives you direct access to a comprehensive handbook, application notes, information about evaluation kits and training materials, links to application and design support, and more. The I2C Fm+ development board and daughter cards make it easy to program new peripherals and are a quick way to learn about the I2C-bus protocol. OM13320 Fm+ Demonstration Kit which includes the OM13260 Fm+ Development Board with two OM13303 GPIO Target Boards and one each of the OM13243 PCA9555 GPIO 16-bit and OM13257 LM75B Thermal Sensor daughter boards OM6275 I²C 2005-1 evaluation board OM6277 PCA9564 evaluation board OM6293 PCA9600 daughter card for I²C 2005-1 OM6276 PCA9633 demo board OM13285 PCA9629 stepper motor demonstration board OM11057 PCF8885/86 touch switch with PCF8536 LCD/LED driver Demo boards e-Tools OM6270 SPI/I2C-to-UART bridge demo (SC16IS750) OM6271 SPI-to-I2C-master bridge demo (SC18IS600) OM6272 UART-to-I2C-master bridge demo (SC18IM700) OM6273 SPI/I2C-to-DUART/IrDA/GPIO demo (SC16IS752) OM6274 I2C-to-SPI-master bridge demo (SC18IS602) OM6275 I2C 2005-1 evaluation board OM6276 PCA9633 demo board OM6277 PCA9564 evaluation board OM6278 I2C 2002-1A evaluation board OM6281 PCA9698 daughter card for I2C 2005-1 OM6282 PCA9633 daughter card for I2C 2005-1 OM6285 I2C 2002-1A evaluation board without PC controller board OM6290 LCD driver evaluation board: PCF8576D, PCF2119, PCF8531, PCA9633 OM6292 PCA21125, PCF8562 demoboard OM6293 PCA9600 daughter card for I2C 2005-1 OM6297 PCF2123, PCF8562 demoboard OM11051 PCF2127A demo board OM11057 PCF8885/86 capacitive sensor and PCF8536 LCD/LED driver OM13260 I2C Fm+ development board (RoHS) OM13243 PCA9555 daughter card (RoHS) OM13243 GPIO target board (RoHS) OM13257 LM75B daughter card (RoHS) OM13285 PCA9629 demo board OM13320 I2C Fm+ development kit (RoHS) OM6278 I²C 2002-1A evaluation board |